Part Number Hot Search : 
2N1636 1N5817 MC130 ST92E141 10100 TPL10124 07024 SMAJ45
Product Description
Full Text Search
 

To Download APT100F50J Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s o t -2 2 7 is oto p ? file # e145592 "ul recognized" g s s d n-channel fredfet absolute maximum ratings thermal and mechanical characteristics g d s single die fredfet unit a v mj a unit w c/w c v oz g inlbf nm ratings 103 65 490 30 3350 75 min typ max 960 0.13 0.15 -55 150 2500 1.03 29.2 10 1.1 parameter continuous drain current @ t c = 25c continuous drain current @ t c = 100c pulsed drain current 1 gate-source voltage single pulse avalanche energy 2 avalanche current, repetitive or non-repetitive characteristic total power dissipation @ t c = 25c junction to case thermal resistance case to sink thermal resistance, flat, greased surface operating and storage junction temperature range rms voltage (50-60hhz sinusoidal waveform from terminals to mounting base for 1 min.) package weight terminals and mounting screws. symbol i d i dm v gs e as i ar symbol p d r jc r cs t j ,t stg v isolation w t torque typical applications zvs phase shifted and other full bridge half bridge pfc and other boost converter buck converter single and two switch forward flyback features fast switching with low emi low t rr for high reliability ultra low c rss for improved noise immunity low gate charge avalanche energy rated rohs compliant APT100F50J 500v, 103a, 0.036 max, t rr 390ns APT100F50J power mos 8 ? is a high speed, high voltage n-channel switch-mode power mosfet. a proprietary planar stripe design yields excellent reliability and manufacturability. low switching loss is achieved with low input capacitance and ultra low c rss "miller" capaci- tance. the intrinsic gate resistance and capacitance of the poly-silicon gate structure help control slew rates during switching, resulting in low emi and reliable paralleling, even when switching at very high frequency. reliability in ? yback, boost, forward, and other circuits is enhanced by the high avalanche energy capability. microsemi website - http://www.microsemi.com 050-8178 rev c 9-2011 downloaded from: http:///
static characteristics t j = 25c unless otherwise speci ? ed dynamic characteristics t j = 25c unless otherwise speci ? ed source-drain diode characteristics 1 repetitive rating: pulse width and case temperature limited by maximum junction temperature. 2 starting at t j = 25c, l = 1.19mh, r g = 25 , i as = 75a. 3 pulse test: pulse width < 380 s, duty cycle < 2%. 4 c o(cr) is de ? ned as a ? xed capacitance with the same stored charge as c oss with v ds = 67% of v (br)dss . 5 c o(er) is de ? ned as a ? xed capacitance with the same stored energy as c oss with v ds = 67% of v (br)dss . to calculate c o(er) for any value of v ds less than v (br)dss, use this equation: c o(er) = -5.71e-7/v ds ^2 + 1.33e-7/v ds + 3.80e-10. 6 r g is external gate resistance, not including internal gate resistance or gate driver impedance. (mic4452) microsemi reserves the right to change, without notice, the speci ? cations and information contained herein. g d s unit v v/c v mv/c a na unit s pf nc ns unit a v ns c a v/ns min typ max 500 0.60 .28 0.036 2.5 4 5 -10 250 1000 100 min typ max 115 24600 330 2645 1535 775 620 140 280 105 125 280 90 min typ max 103 490 1.0 340 390 603 720 2.74 7.29 15.2 23.4 20 test conditions v gs = 0v , i d = 250 a reference to 25c, i d = 250 a v gs = 10v , i d = 75a v gs = v ds , i d = 5ma v ds = 500v t j = 25c v gs = 0v t j = 125c v gs = 30v test conditions v ds = 50v , i d = 75a v gs = 0v , v ds = 25v f = 1mhz v gs = 0v , v ds = 0v to 333v v gs = 0 to 10v , i d = 75a, v ds = 250v resistive switching v dd = 333v , i d = 75a r g = 2.2 6 , v gg = 15v test conditions mosfet symbol showing the integral reverse p-n junction diode (body diode) i sd = 75a , t j = 25c, v gs = 0v t j = 25c t j = 125c i sd = 75a 3 t j = 25c di sd / dt = 100a/ s t j = 125c v dd = 100v t j = 25c t j = 125c i sd 75a, di/dt 1000a/ s, v dd = 333v, t j = 125c parameter drain-source breakdown voltage breakdown voltage temperature coef ? cient drain-source on resistance 3 gate-source threshold voltage threshold voltage temperature coef ? cient zero gate voltage drain current gate-source leakage current parameter forward transconductance input capacitance reverse transfer capacitance output capacitance effective output capacitance, charge related effective output capacitance, energy related total gate charge gate-source charge gate-drain charge turn-on delay time current rise time turn-off delay time current fall time parametercontinuous source current (body diode) pulsed source current (body diode) 1 diode forward voltage reverse recovery time reverse recovery charge reverse recovery current peak recovery dv/dt symbol v br(dss) ? v br(dss) / ? t j r ds(on) v gs(th) ? v gs(th) / ? t j i dss i gss symbol g fs c iss c rss c oss c o(cr) 4 c o(er) 5 q g q gs q gd t d(on) t r t d(off) t f symbol i s i sm v sd t rr q rr i rrm dv/dt 050-8178 rev c 9-2011 APT100F50J downloaded from: http:///
v gs = 7,8 & 10v t j = 125c t j = 25c t j = -55c v gs = 10v 6v v ds > i d(on) x r ds(on) max. 250 sec. pulse test @ <0.5 % duty cycle normalized to v gs = 10v @ 75a t j = 125c t j = 25c t j = -55c c oss c iss i d = 75a v ds = 400v v ds = 100v v ds = 250v t j = 125c t j = 25c t j = -55c t j = 150c t j = 25c t j = 125c t j = 150c c rss 5v 4.5v v gs , gate-to-source voltage (v) g fs , transconductance r ds(on) , drain-to-source on resistance i d , drain current (a) i sd, reverse drain current (a) c, capacitance (pf) i d , drain current (a) i d , drian current (a) v ds(on) , drain-to-source voltage (v) v ds , drain-to-source voltage (v) figure 1, output characteristics figure 2, output characteristics t j , junction temperature (c) v gs , gate-to-source voltage (v) figure 3, r ds(on) vs junction temperature figure 4, transfer characteristics i d , drain current (a) v ds , drain-to-source voltage (v) figure 5, gain vs drain current figure 6, capacitance vs drain-to-source voltage q g , total gate charge (nc) v sd , source-to-drain voltage (v) figure 7, gate charge vs gate-to-source voltage figure 8, reverse drain current vs source-to-drain voltage 0 5 10 15 20 25 0 5 10 15 20 25 30 -55 -25 0 25 50 75 100 125 150 0 1 2 3 4 5 6 7 8 0 20 40 60 80 100 120 140 160 0 100 200 300 400 500 0 100 200 300 400 500 600 700 800 0 0.3 0.6 0.9 1.2 1.5 600500 400 300 200 100 0 2.52.0 1.5 1.0 0.5 0 200180 160 140 120 100 8060 40 20 0 1614 12 10 86 4 2 0 300250 200 150 100 50 0 500400 300 200 100 0 40,00010,000 1000 100 10 500450 400 350 300 250 200 150 100 50 0 APT100F50J 050-8178 rev c 9-2011 downloaded from: http:///
sot-227 (isotop ? ) package outline 31.5 (1.240)31.7 (1.248) dimensions in millimeters and (inches) 7.8 (.307)8.2 (.322) 30.1 (1.185)30.3 (1.193) 38.0 (1.496)38.2 (1.504) 14.9 (.587)15.1 (.594) 11.8 (.463)12.2 (.480) 8.9 (.350)9.6 (.378) hex nut m 4 (4 places ) 0.75 (.030)0.85 (.033) 12.6 (.496)12.8 (.504) 25.2 (0.992)25.4 (1.000) 1.95 (.077)2.14 (.084) * source drai n gate * r = 4.0 (.157) (2 places) 4.0 (.157)4.2 (.165) (2 places) w=4.1 (.161)w=4.3 (.169) h=4.8 (.187)h=4.9 (.193) (4 places) 3.3 (.129)3.6 (.143) * source emitter terminals are shorte d internally. current handlin g capability is equal for eithersource terminal . peak t j = p dm x z jc + t c duty factor d = t 1 / t 2 t 2 t 1 p dm note: t 1 = pulse duration 1ms 100ms r ds(on) 0.5 single pulse 0.1 0.3 0.7 0.05 d = 0.9 scaling for different case & junction temperatures: i d = i d(t c = 25 c) *( t j - t c )/125 dc line 100 s i dm 10ms 13 s 100 s i dm 100ms 10ms 13 s r ds(on) dc line t j = 150c t c = 25c 1ms t j = 125c t c = 75c i d , drain current (a) v ds , drain-to-source voltage (v) v ds , drain-to-source voltage (v) figure 9, forward safe operating area figure 10, maximum forward safe operating area z jc , thermal impedance (c/w) 10 -5 10 -4 10 -3 10 -2 10 -1 1.0 rectangular pulse duration (seconds) figure 11. maximum effective transient thermal impedance junction-to-case vs pulse duration i d , drain current (a) 1 10 100 800 1 10 100 800 0.140.12 0.10 0.08 0.06 0.04 0.02 0 600100 10 1 0.1 600100 10 1 0.1 APT100F50J 050-8178 rev c 9-2011 downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of APT100F50J

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X